PART |
Description |
Maker |
SB8100FCT |
Schottky Pack: ITO-220AB
|
GULF SEMI
|
SB1645FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
|
Gulf Semiconductor
|
FERP20D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
|
Gulf Semiconductor
|
FEPF16GT-G |
16 A, 400 V, SILICON, RECTIFIER DIODE, TO-220AB LEAD FREE, PLASTIC, ITO-220, FULL PACK-3
|
Sensitron Semiconductor
|
UERB20D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
|
Gulf Semiconductor
|
SB20100CT-E |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB1060CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
|
Gulf Semiconductor
|
SB2060CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB1040CT |
Schottky Pack: TO-220AB
|
GULF SEMI
|
SB10100CT |
Schottky Pack: TO-220AB
|
GULF SEMI
|
MBR20200CT |
ITO-220AB
|
Shenzhen Luguang Electr...
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|